Part Number Hot Search : 
27C64 ADF7242 BAS40XY 2SPA1 LM2901N 4ADR2 UG425 HD74H
Product Description
Full Text Search
 

To Download DN6849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hall ics 1 publication date: november 2002 spc00004ceb DN6849se DN6849s DN6849/se/s wide operating temperature range ( ? 40 c to + 100 c) alternating magnetic field operation overview in each of hall ics, a hall element, an amplifier circuit, a schmidt circuit, a stabilized power supply, and a tem- perature compensation circuit are integrated on a single chip by ic technique. the hall element output is ampli- fied by the amplifier circuit, and converted into the corre- sponding digital signals through the schmidt circuit so that ttl and mos ic are directly drivable. features ? high sensitivity and low drift ? stabilized temperature characteristics owing to addi- tional integration of temperature compensation circuit. ? wide operating supply voltage range (v cc = 4.5 v to 16 v) ? alternating magnetic field operation ? ttl and mos ic are directly drivable by the output. ? open collector output applications ? speed sensor, position sensor, rotation sensor, keyboard switch, micro switch and the like block diagram (DN6849/se/s) note) the number in ( ) shows the pin number for the DN6849s. ssip003-p-0000a unit: mm ssip003-p-0000c unit: mm unit: mm 4.520.3 0.550.15 0.40.1 1.540.1 1.27 123 (0.4) 12.506.5 (0.72) 4.520.3 (1.0) (1.0) 123 5 (5 ) 2 1.27 4.00.2 (1.0) (1.0) (0.7) 4.50.2 0.43 +0.1 ?0.05 0.43 +0.1 ?0.05 0.550.15 2.00.2 0.80.1 (1.0) 10.50.5 esop004-p-0200 1.6 3.00.3 0.60.2 1 2 4 3 5.40.4 3.00.3 1.50.3 0.40.2 0.10.1 0.2 0.950.2 0.40.15 +0.15 ?0.05 1 : v cc 2 : gnd 3 : output 1 : v cc 2 : gnd 3 : output 1 : v cc 2 : n.c. or gnd 3 : output 4 : gnd DN6849 power supply circuit and temperature compensation circuit 1 v cc 2 gnd (4) n.c. or gnd (2) 3 output hall element amplifier schmidt trigger output stage note) the packages (ssip003-p-0000a, ssip003-p- 0000c and esop004-p-0200) of this product will be changed to lead-free type (ssip003-p- 0000h, ssip003-p-0000j and esop004-p- 0200a). see the new package dimensions sec- tion later of this datasheet.
DN6849/se/s 2 spc00004ceb recommended operating range parameter symbol range unit supply voltage v cc 4.5 to 16 v absolute maximum ratings parameter symbol rating unit supply voltage v cc 18 v supply current i cc 8ma circuit current i o 20 ma power dissipation p d 150 mw operating ambient temperature t opr ? 40 to + 100 c storage temperature t stg ? 55 to + 125 c note) 1. the variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (v cc should be confined to the range of 4.5 v to 16 v.) 2. a supply current increases by approximately 1 ma when its output level varies from high to low. electrical characteristics at t a = 25 c parameter symbol conditions min typ max unit operating magnetic flux density b 1(l-h) v cc = 12 v ? 17.5 ? 6 ? mt b 2(h-l) v cc = 12 v ? 6 17.5 mt hysteresis width bw v cc = 12 v 7 10 ? mt output voltage v ol v cc = 4.5 v to 16 v, i o = 12 ma, ?? 0.4 v b = 17.5 mt output current i oh v cc = 4.5 v to 16 v, v o = 16 v, ?? 10 a b = ? 17.5 mt supply current i cc v cc = 16 v ?? 6ma v cc = 4.5 v ?? 5.5 ma technical data ? position of hall element (unit: mm) a hall element is placed on the shaded part in the figure. DN6849 DN6849se DN6849s distance from package surface to sensor part 0.7 0.42 0.65 1.0 1.0 1.5 1.5 1.0 1.63 1.0 1.25 1.0 1.75 1.0 1.3 note) this ic is not suitable for car electrical equipment.
DN6849/se/s 3 spc00004ceb technical data (continued) ? magneto-electro conversion characteristics applying direction of magnetic flux marked face b h-l b l-h magnetic flux density b output voltage v o ? main characteristics supply current ? ambient temperature operating magnetic flux density ? ambient temperature 0 125 v cc = 12 v v cc = 12 v i o = 12 ma 0 1 2 3 4 5 6 7 8 ? 50 ? 25 0 25 50 75 100 125 ? 50 ? 25 0 25 50 75 100 ? 20 ? 10 0 10 20 125 ? 50 ? 25 0 25 50 75 100 10 20 30 40 50 60 70 80 90 100 ? 20 020 ? 10 0 10 20 24681012141618 sample 1 b h-l sample 2 b h-l sample 3 b h -l sample 2 b l-h b l-h b h-l sample 3 b l-h sample 1 b l-h v cc = 16 v v cc = 4.5 v t a = 25 c operating magnetic flux density b (mt) ambient temperature t a ( c) supply current i cc (ma) ambient temperature t a ( c) ambient temperature t a ( c) low-level output voltage v ol (mv) supply voltage v cc (v) operating magnetic flux density b (mt) operating magnetic flux density ? supply voltage low-level output voltage ? ambient temperature
DN6849/se/s 4 spc00004ceb caution on use of hall ics the hall ics are often used to detect movement. in such cases, the position of the hall ic may be changed by exposition to shock or vibration over a long period of time, and it causes the detection level change. to prevent this, fix the package with adhesives or fix it on a dedicated case. 1. a case using an adhesive some kinds of adhesive generate corrosive gas (such as chloric gas) during curing. this corrosive gas corrodes the aluminum on the surface of the hall ic, and may cause a functional defect of disconnection. if hall ic is to be sealed after installation, attention should be given to the adhesive or resin used for peripherals and substrate cleaner, as well as to the adhesive used for hall ic installation. please confirm the above matter to those manufacturers before using. we could not select the specified adhesive, for we find it difficult to guarantee the ingredient of each adhesive. 2. a case bending lead wire bend the lead wire without stressing the package. 3. power supply line/power transmission line if a power supply line/power transmission line becomes longer, noise and/or oscillation may be found on the line. in this case, set the capacitor of 0.1 f to 10 f near the hall ic to prevent it. if a voltage of 18 v or more is thought to be applied to the power supply line (flyback voltage from coil or the ignition pulse, etc.), avoid it with external components (capacitor, resistor, zener diode, diode, surge absorbing ele- ments, etc.). 4. on mounting of the surface mount type package (esop004-p-0200) set pin 2 of the esop004-p-0200 package open, or connect it to gnd. the ic will be damaged if it is connected to v cc . when mounted on the printed circuit board, the hall ic may be highly stressed by the warp that may occur from the soldering. this may also cause a change in the operating magnetic flux density and a deterioration of its resistance to moisture. 5. v cc and gnd do not reverse v cc and gnd. if the v cc and gnd pins are reversely connected, this ic will be destroyed. if the ic gnd-pin voltage is set higher than other pin voltage, the ic configuration will become the same as a forward biased diode. therefore, it will turn on at the diode forward voltage (approximately 0.7 v), and a large current will flow through the ic, ending up in its destruction. (this is common to monolithic ic.) 6. cautions on power-on of hall ic when a hall ic is turned on, the position of the magnet or looseness may change the output of a hall ic, and a pulse may be generated. therefore, care should be given whenever the output state of a hall ic is critical when the supply power is on. fixed w fixed correct (a) (b) fixed bending method of lead wire bending position of lead wire w w 3 mm * 3 mm * * : the distance can be within 3 mm, if no stress is applied to the resin mold by tightly fixing the lead wires with a metallic mold or the like. wrong correct wrong correct wrong wrong correct wrong
DN6849/se/s 5 spc00004ceb caution on use of hall ics (continued) 7. fixing a hall ic when the hall ic of an insertion type package installed by soldering the lead wire only is to be used under vibration, fix it firmly with a holder. otherwise, vibration may cause metal fatigue in the lead wire of hall ic, resulting in wire breakage. 8. on fixing a hall ic to holder when a hall ic is mounted on the printed circuit board with a holder and the coefficient of expansion of the holder is large, the lead wire of the hall ic will be stretched and it may give a stress to the hall ic. if the lead wire is stressed intensely due to the distortion of holder or board, the adhesives between the package and the lead wire may be weakened and cause a minute gap resulting in the deterioration of its resistance to moisture. sensitivity may also be changed by this stress. 9. on using flux in soldering choose a flux which does not include ingredients from halogen group, such as chlorine, fluorine, etc. the ingredients of halogen group may enter where the lead frame and package resin joint, causing corrosion and the disconnection of the aluminum wiring on the surface of an ic chip. 10. in case of the magnetic field of a magnet is too strong output may be inverted when applying a magnetic flux density of 100 mt or more. accordingly, magnetic flux density should be used within the range of 100 mt. 11. on mounting , deburring and soldering of insertion type package if the leads of a hall ic in an insertion type package are inserted up to their root part through holes on the printed circuit board, abnormal stress is applied to the package and the reliability of the hall ic is likely to deteriorate. so, when mounting each hall ic of the insertion type, insert the leads in due degree at which the bottom face of the package is separated at least 2 mm from the top face of the pcb. also note that burrs of epoxy resin may be left sticking to the lead wires. (we are trying to remove such burrs as much as possible in the deburring process, but in some cases, they are not perfectly removable.) 12. on surface treatment of mini-mold package surface treatment is available in either smooth or dull finish. 13. on soldering of the surface mount type package surface mounting type hall ics are apt to change its electrical characteristics due to the stress from soldering at mounting. therefore, avoid the mounting by flow (dipping) and a soldering iron. please mount it by reflow soldering abiding by its recommended conditions. 2 mm printed board remaining burrs when soldering the leads, remenber to separate the soldering position by 2 mm or more from the resin part of the package.
DN6849/se/s 6 spc00004ceb new package dimensions (unit: mm) ? ssip003-p-0000h (lead-free package) ? ssip003-p-0000j (lead-free package) ? esop004-p-0200a (lead-free package) (1.00) (1.00) (1.00) (0.70) 0.40 0.10 10.50 0.50 4.00 0.20 0.55 0.15 4.50 0.20 2.00 0.20 0.40 +0.10 - 0.05 13 1.27 1.27 (1.00) (1.00) (0.72) 13 4.52 0.20 0.55 0.15 4.52 0.20 0.40 0.10 1.54 0.10 12.50 0.65 0.40 +0.10 - 0.05 1.27 1.27 2 1 43 (0.70) seating plane seating plane (1.20) 3.00 0.20 0.40 0.15 3.00 0.20 5.40 0.40 0.60 0.20 0.10 0.10 1.50 0.20 0.15 +0.10 - 0.05 1.60
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of DN6849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X